PART |
Description |
Maker |
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
Z2647 Z2633 Z2617 Z2615 Z2630 Z2618 Z2620 Z2645 Z2 |
128MB DDR SDRAM SODIMM TRANSFORMER 18VA 2X 18V TRANSFORMER 10VA 2X 12V TRANSFORMER 10VA 2X 6V TRANSFORMER 18VA 2X 9V TRANSFORMER 10VA 2X 15V 64MB SDRAM SODIMM TRANSFORMER 30VA 2X 15V
|
|
GA0007-AL |
Flyback Transformer Transformer, for ON NCP1351, RoHS 48 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
Y8844-AL Z9260-AL |
NOT RoHS. Transformer, for ON NCP1200, 3.5W (add 'L' for compliant version) 3.5 W, SMPS TRANSFORMER Transformer, for ON NCP1200, 70W, RoHS 67 W, SMPS TRANSFORMER
|
Coilcraft, Inc.
|
DA2034-AL DA2033-AL DA2032-AL DA2034-ALD DA2032-AL |
Flyback Transformers Transformer, for LT3750, 10A, SMT, RoHS SMPS TRANSFORMER Transformer, for LT3750, 3A, SMT, RoHS SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
S554-6500-29 |
HIGH FREQUENCY MAGNETICS DS3/E3/STS-1 Quad Transformer TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
S553-6500-E2 |
HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Module TELECOM TRANSFORMER
|
Bel Fuse, Inc.
|
MABA-009298-CT48A0 MABA-009298-CT48TB |
Transformer, 4:1 Flux coupled balun transformer 1 to 650 MHz
|
M/A-COM Technology Solu... M/A-COM Technology Solutions, Inc.
|
B0863-BL B0863-BLD |
PoE transformer, for MAX5941B, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
EPC3168G-1 EPC3168G-1-LF EPC3168G-2 EPC3168G-2-LF |
SMPS TRANSFORMER LEAD FREE Flyback Power Transformer
|
PCA Electronics, Inc. NEC, Corp. PCA ELECTRONICS INC.
|